Part Number Hot Search : 
UT258 335M5 1N5927B MC10H125 E004703 2102A LT8300 C472M
Product Description
Full Text Search
 

To Download BTMA080205312H1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s0135 - r02. (web) 20130520 bi-directional integrated tap monitor arrays btma series oplinks bi-directional integrated tap monitor array (btma) is assembled using individual bi- directional integrated tap monitor (btms) to guarantee no optical or electrical cross-talk among different channels. btms is a hybrid component that integrates a fat spectral response of a thin-flm tap with a high sensitivity pin photodiode for power monitoring applications. the bi-directional feature allows power monitoring from input or output ports. btma minimizes component assembly costs and module footprint while increasing module design effciency by facilitating fber management. each btms in the btma integrates the functionality of an optical tap and a photodiode while delivering low insertion loss and low dark current with high temperature stability over a wide wavelength range. btma is compact and easy to mount on pcb board for module and net - work system use. applications include dwdm channel power monitoring, optical network switching/protection monitoring, re-confgurable optical add/drop multiplexers, and gain/at - tenuation monitoring in amplifer systems. oplink can provide customized designs to meet specialized feature applications. also, oplink offers modular assemblies that integrate other components to form a full function module or subsystem. ? flat and broad operating wavelength range ? low insertion loss and pdl ? low dark current ? various tap ratio available ? high temperature stability with hermetically sealed photodiode ? monitor optical signal from input or output ? add/drop and optical protection monitoring ? dwdm/cwdm systems product description features applications performance specification ns parameters specification unit operating wavelength range 1260 ~ 1360 1510~1610 nm through insertion loss (@op, top, all sop, exclude connectors) 2% 0.4 db 5% 0.6 10% 0.9 polarization dependent loss 0.1 db return loss (exclude connector) 45 db tapped monitoring responsivity (relative to nominal power at input port) 2% 10 ~ 23 14 ~ 26 ma/w 5% 26 ~ 59 36 ~ 65 10% 52 ~ 110 70 ~ 120 responsivity polarization dependence 0.1 db uniformity 1 0.5 db pd pd dark current (@ 70c, -5v bias) 10 na bandwidth (50 ohm, 5v, -3db) 0.5 ghz reverse voltage 20 v forward current 5 ma conditions input optical power 2% 21 dbm 5% 16 10% 12 operating temperature range (<85%rh, non-condensing) -0 +70 c storage temperature range (<85%rh, non-condensing) -40 +85 c fiber type smf-28 notes: 1) directivity is defned as -10 log( ? o ut pd / ? i n pd ) where ? stands for responsivity. functional diagram input outp ut pd
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com bi-directional integrated tap monitor array btma series s0135 - r02. (web) 20130520 product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? interconnect ? transmission ? hfc/rof subsystem electrical pin assignment pin#: common cathode assignment pin1: common cathode for ch1 & 2 pin2: anode ch 1 pin3: anode ch 2 pin4: common cathode for ch3 & 4 pin5: anode ch 3 pin6: anode ch 4 common anode assignment common anode for ch1 & 2 cathode ch 1 cathode ch 2 common anode for ch3 & 4 cathode ch 3 cathode ch 4 electrical pin assignment pin#: common cathode assignment pin1: common cathode for ch1 to 4 pin2: anode ch1 pin3: anode ch2 pin4: anode ch3 pin5: anode ch4 pin6: anode ch5 pin7: common cathode for ch5 to 8 pin8: anode ch6 pin9: anode ch7 pin10: anode ch 8 pin11: anode ch 9 pin12: common cathode for ch9 & 10 pin13: anode ch10 pin 14: not connected common anode assignment c ommon anode for ch1 to 4 cathode ch 1 cathode ch 2 cathode ch 3 cathode ch 4 cathode ch 5 c ommon anode for ch5 to 8 cathode ch 6 cathode ch 7 cathode ch 8 cathode ch 9 c ommon anode for ch9 & 10 cathode ch10 not connected electrical pin assignment pin#: common cathode assignment pin1: common cathode for ch1 & 2 pin2: anode ch 1 pin3: anode ch 2 pin4: common cathode for ch3 & 4 pin5: anode ch 3 pin6: anode ch 4 pin7: anode ch 5 pin8: common cathode for ch5 & 6 pin9: anode ch 6 pin10: anode ch7 pin11: common cathode for ch7 & 8 pin12: anode ch 8 common anode assignment common anode for ch1 & 2 cathode ch 1 cathode ch 2 common anode for ch3 & 4 cathode ch 3 cathode ch 4 cathode ch 5 common anode for ch5 & 6 cathode ch 6 cathode ch7 common anode for ch7 & 8 cathode ch 8 btma ordering information oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. mechanical drawing / package dimensions (dimension in mm) 1) 4-ch btma 2) 8-ch btma 3) 10-ch btma 5 0 no. of channal 4 channels= 04 8 channels= 08 10 channels= 10 tap ratio bandwidth package type wavelength fiber type fiber length 0.5g= 05 common anode= 1 common cathode= 2 1310/1550= d 1310nm= 3 c+l band= e smf-28 250m =1 smf-28 w/ 900m loose tube =2 smf-28 ribbonized=3 0.5meter= h 1.0meter= 1 1.5meter= 5 2.0meter= 2 connector type none = 1 fc/pc=2 fc/spc=3 fc/apc=4 sc/pc=5 sc/spc=6 sc/apc=7 st=8 lc=9 mu=a 2/98= 02 5/95= 05 10/90= 10 rohs: 1. btma is rohs 5 compliant (rohs permitted lead in solder exemption is applied). 2. add g to the end of the above pn for rohs 6 requirement. note: input and output ports are marked for testing purpose.


▲Up To Search▲   

 
Price & Availability of BTMA080205312H1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X